PART |
Description |
Maker |
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
2124-12L |
12 W, 22 V, 2200-2400 MHz common base transistor 2000-2400 MHz, Class C, Common Base; fO (MHz): 2400; P(out) (W): 12; P(in) (W): 2.25; Gain (dB): 7.5; Vcc (V): 22; Case Style: 55AW-1 S BAND, Si, NPN, RF POWER TRANSISTOR 12 Watts, 22 Volts, Class C Microwave 2200 - 2400 MHz
|
Microsemi, Corp. GHZTECH[GHz Technology] ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
PE42750 PE42750-15 |
75 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS?Switch Featuring Unpowered Operation SPDT CATV UltraCMOS Switch 75 Ω Terminated 5 - 2200 MHz SPDT
|
Peregrine Semiconductor...
|
T740N22TOF |
1650 A, 2200 V, SCR
|
INFINEON TECHNOLOGIES AG
|
TQ1303-1308 |
Splitter Family (700-2200 MHz)
|
TriQuint Semiconductor
|
MAMX-009646-23DBML |
E-Series Surface Mount Mixer 2-2200 MHz
|
M/A-COM Technology Solutions, Inc.
|
MAAV-007091-000100 MAAV-007091-0001TB MAAV-007091- |
Voltage Variable Attenuator 1700 - 2200 MHz
|
Tyco Electronics
|
SM2022-37RY4 |
2000-2200 MHz 5 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
C03DE220HV STC03DE220HV STC03DE220HV08 |
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ? Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 搂?
|
STMicroelectronics
|
PTMA210404FL PTMA210404FL09 |
Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 鈥?2200 MHz
|
Infineon Technologies AG
|
SPA-2318 SPA-2318Z |
1700-2200 MHz 1 Watt Power Amp with Active Bias
|
SIRENZA[SIRENZA MICRODEVICES]
|
|